Part Number Hot Search : 
BR13003 CA502 21502C FT313HP AD1893JN 07700 MPC9449 BTS7960B
Product Description
Full Text Search
 

To Download L2SC4617RT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. 1 base collector 3 general purpose transistors npn silicon 2 emitter ! !! ! absolute maximum ratings (ta=25 c) collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature parameter v cbo v ceo v ebo i c p c tj tstg 60 v v v a ?c ?c 50 7 0.15 w 0.15 150 ? 55~ + 150 symbol limits unit ! !! ! electrical characteristics (ta=25 c) collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio collector-emitter saturation voltage transition frequency output capacitance parameter symbol bv cbo bv ceo bv ebo i cbo i ebo h fe v ce(sat) f t cob min. 60 50 7 ? ? 120 ? ? ? ? ? ? ? ? ? ? 180 2.0 ? ? ? 0.1 0.1 560 0.5 ? 3.5 vi c = 50 a i c = 1 i e = 50 a v cb = 60v v eb = 7 v v ce = 6v, i c = 1ma i c /i b = 50ma/5ma v ce = 12v, i e = 2ma, f = 30mhz v cb = 12v, i e = 0a, f = 1mhz v v a a ? v mhz pf typ. max. unit conditions sc-89 h f e v a lue s a r e cla s si f ie d a s f o ll o w s : item q r s h fe 120~270 180~390 270~560 ! ! ! ! device marking ! ! ! ! (s-)l2sc4617qt1g=bq (s-) l2sc4617rt1g=br (s-) l2sc4617st1g=bs z we declare that the material of product compliance with rohs requirements. device marking shipping bq br 3000 tape & reel 10000 tape & reel 3000 tape & reel 10000 tape & reel 3000 tape & reel 10000 tape & reel ordering information br bq l2sc4617qt1g l2sc4617qt3g l2sc4617rt1g l2sc4617rt3g l2sc4617st1g l2sc4617st3g bs bs s-l2sc4617qt1g series ma rev.o 1/4 l2sc4617qt1g series z s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sc4617qt1g s-l2sc4617qt3g s-l2sc4617rt1g s-l2sc4617rt3g s-l2sc4617st1g s-l2sc4617st3g
leshan radio company, ltd. ! !! ! electrical characterristic curves fig.1 grounded emitter propagation characteristics 0 0.1 0.2 0.5 2 20 50 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 5 10 ta = 100 c v ce =6v collector current : i c (ma) base to emitter voltage : v be (v) 25 c ? 55 c fig.2 grounded emitter output characteristics ( ) 0 20 40 60 80 100 0.4 0.8 1.2 1.6 2.0 0 collector current : i c (ma) collector to emitter voltage : v ce (v) 0.05ma 0.10ma 0.15ma 0.25ma 0.30ma 0.35ma 0.20ma ta=25 c i b =0a 0.40ma 0.50ma 0.45ma 0 0 2 8 10 4 8 12 16 4 6 20 i b =0a ta=25 c collector current : i c (ma) collector to emitter voltage : v ce (v) 3 a 6 a 9 a 12 a 15 a 18 a 21 a 24 a 27 a 30 a fig.3 grounded emitter output characteristics ( ? ) 0.2 20 10 0.5 1 2 5 10 20 50 100 200 50 100 200 500 v ce =5v 3v 1v ta=25 c fig.4 dc current gain vs. collector current ( ) dc current gain : h fe collector current : i c (ma) 0.2 0.5 1 2 5 10 20 50 100 200 20 10 50 100 200 500 25 c ? 55 c ta=100 c v ce = 5v fig.5 dc current gain vs. collector current ( ? ) dc current gain : h fe collector current : i c (ma) fig. 6 collector-emitter saturation voltage vs. collector current 0.2 collector saturation voltage : v ce(sat) (v) collector current : i c (ma) 0.01 0.02 0.05 0.1 0.2 0.5 0.5 1 2 5 10 20 50 100 200 i c /i b =50 20 10 ta=25 c l2sc4617qt1g series rev.o 2/4 s-l2sc4617qt1g series
fig.7 collector-emitter saturation voltage vs. collector current ( ) 0.2 collector saturation voltage : v ce(sat) (v) collector current : i c (ma) 0.01 0.02 0.05 0.1 0.2 0.5 0.5 1 2 5 10 20 50 100 200 i c /i b =10 ta=100 c 25 c ? 55 c fig.8 collector-emitter saturation voltage vs. collector current ( ? ) collector saturation voltage : v ce(sat) (v) collector current : i c (ma) 0.2 0.01 0.02 0.05 0.1 0.2 0.5 0.5 1 2 5 10 20 50 100 i c /i b =50 ta=100 c 25 c ? 55 c fig.9 gain bandwidth product vs. emitter current 50 ? 0.5 ? 1 ? 2 ? 5 ? 10 ? 20 ? 50 ? 100 100 200 500 ta=25 c v ce =6v emitter current : i e (ma) transition frequency : f t (mhz) fig.10 collector output capacitance vs. collector-base voltage emitter input capacitance vs. emitter-base voltage collector to base voltage : v cb (v) emitter to base voltage : v eb (v) collector output capacitance : cob ( pf) emitter input capacitance : cib ( pf) 0.2 0.5 1 2 5 10 20 50 1 2 5 10 20 cob ta=25 c f = 1mhz i e =0a i c =0a cib fig.11 base-collector time constant vs. emitter current ? 0.2 ? 0.5 ? 1 ? 2 ? 5 ? 10 base collector time constant : ccr bb' (ps) emitter current : i e (ma) 10 20 50 100 200 ta=25 c f=32mh z v cb =6v leshan radio comp any , ltd. rev.o 3/4 l2sc4617qt1g series s-l2sc4617qt1g series
g m 0.08 (0.003) x d 3 pl j -x- -y- notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. 463c-01 obsolete, new standard 463c-02. a b y 12 3 n 2 pl k c -t- seating plane dim a min nom min nom inches 1.50 1.60 1.70 0.059 millimeters b 0.75 0.85 0.95 0.030 c 0.60 0.70 0.80 0.024 d 0.23 0.28 0.33 0.009 g 0.50 bsc h 0.53 ref j 0.10 0.15 0.20 0.004 k 0.30 0.40 0.50 0.012 l 1.10 ref m --- --- 10 --- n --- --- 10 --- s 1.50 1.60 1.70 0.059 0.063 0.067 0.034 0.040 0.028 0.031 0.011 0.013 0.020 bsc 0.021 ref 0.006 0.008 0.016 0.020 0.043 ref --- 10 --- 10 0.063 0.067 max max     m h h l g recommended pattern of solder pads s leshan radio company, ltd. s c - 8 9 rev.o 4/4 l2sc4617qt1g series s-l2sc4617qt1g series


▲Up To Search▲   

 
Price & Availability of L2SC4617RT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X